Part Number Hot Search : 
ESD3V MAX6698 MHR30V 73E20 E001913 E001913 MAX6698 73E20
Product Description
Full Text Search
 

To Download BAV99W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any changing of specification will not be informed individual BAV99W dual series chips surface mount switching diode maximum ratings (each diode) rating symbol value unit reverse voltage v r 70 vdc forward current i f 215 madc peak forward surge current i fm(surge) 500 madc thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board (1) t a = 25 c derate above 25 c p d 200 1.6 mw mw/ c thermal resistance, junction to ambient r  ja 625 c/w total device dissipation alumina substrate, (2) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction to ambient r  ja 417 c/w junction and storage temperature t j , t stg ? 65 to +150 c d e v i c e m a r k i n g b a v 9 9 w = a 7 , k j g - j u n - 2 0 0 4 r e v . b electrical characteristics (t a = 25 c unless otherwise noted) (each diode) characteristic symbol min max unit off characteristics reverse breakdown voltage (i (br) = 100 adc) v (br) 70 ? vdc reverse voltage leakage current (v r = 25 vdc, t j = 150 c) (v r = 70 vdc) (v r = 70 vdc, t j = 150 c) i r ? ? ? 30 2.5 50 adc diode capacitance (v r = 0, f = 1.0 mhz) c d ? 1.5 pf forward voltage (i f = 1.0 madc) (i f = 10 madc) (i f = 50 madc) (i f = 150 madc) v f ? ? ? ? 715 855 1000 1250 mvdc reverse recovery time (i f = i r = 10 madc, i r(rec) = 1.0 madc) (figure 1) r l = 100 ? t rr ? 6.0 ns 1 . f r ? 5 = 1 . 0 x 0 . 7 5 x 0 . 0 6 2 i n . 2 . a l u m i n a = 0 . 4 x 0 . 3 x 0 . 0 2 4 i n . 9 9 . 5 % a l u m i n a . f e a t u r e s  f a s t s w i t c h i n g s p e e d  s u r f a c e m o u n t p a c k a g e i d e a l l y s u i t e d f o r a u t o m a t i c i n s e r t i o n  f o r g e n e r a l p u r p o s e s w i t c h i n g a p p l i c a t i o n s  h i g h c o n d u c t a n c e 3 1 2 c a t h o d e a n o d e a n o d e c a t h o d e dim m i n max a 1.800 2.200 b 1.150 1.350 c 0.800 1.000 d 0.300 0.400 g 1.200 1.400 h 0.000 0.100 j 0.100 0.250 k 0.350 0.500 l 0.590 0.720 s 2.000 2.400 v 0.280 0.420 all dimension in mm sot-323(sc-70) k j c h l a b s g v 3 1 2 d t o p v i e w http://www.secosgmbh.com elektronische bauelemente sc-70 sot-323   0 1 p a g e 1 o f 2 rohs compliant product a suffix of "-c" specifies halogen & lead-free
any changing of specification will not be informed individual BAV99W dual series chips surface mount switching diode 100 0.2 0.4 v f , f orward voltage (v) 0.6 0.8 1.0 1.2 10 1.0 0.1 t a = 85 c 10 0 v r , r everse voltage (v) 1.0 0.1 0.01 0.001 10 20 30 40 50 0.68 0 v r , r everse voltage (v) 0.64 0.60 0.56 0.52 c d , d iode capacitance (pf) 2468 i f , f orward current (ma) (ma) figure 2. forward voltage figure 3. leakage current figure 4. capacitance t a = ? 40 c t a = 25 c t a = 150 c t a = 125 c t a = 85 c t a = 55 c t a = 25 c i r , r everse current ( a) notes: 1. a 2.0 k ? variable resistor adjusted for a forward current (i f ) of 10 ma. notes: 2. input pulse is adjusted so i r(peak) is equal to 10 ma. notes: 3. t p ? t rr +10 v 2.0 k 820 ? 0.1 f dut v r 100 h 0.1 f 50 ? output pulse generator 50 ? i nput sampling oscilloscopes t r t p t 10% 90% i f i r t rr t i r(rec) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1.0 ma) i f input signal figure 1. recovery time equivalent test circuit h t t p : / / w w w . s e c o s g m b h . c o m e l e k t r o n i s c h e b a u e l e m e n t e 0 1 - j u n - 2 0 0 4 r e v . b p a g e 2 o f 2


▲Up To Search▲   

 
Price & Availability of BAV99W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X